| データシートサーチシステム |
|
08053C103MAT2A データシート(PDF) 4 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
08053C103MAT2A データシート(HTML) 4 Page - AVX Corporation |
|
4 / 20 page ![]() 14 X7R Dielectric Capacitance Range PREFERRED SIZES ARE SHADED SIZE 1210 1812 1825 2220 2225 Soldering Reflow/Wave Reflow Only Reflow Only Reflow Only Reflow Only Packaging Paper/Embossed All Embossed All Embossed All Embossed All Embossed (L) Length MM 3.20 ± 0.20 4.50 ± 0.30 4.50 ± 0.30 5.7 ± 0.40 5.72 ± 0.25 (in.) (0.126 ± 0.008) (0.177 ± 0.012) (0.177 ± 0.012) (0.224 ± 0.016) (0.225 ± 0.010) (W) Width MM 2.50 ± 0.20 3.20 ± 0.20 6.40 ± 0.40 5.0 ± 0.40 6.35 ± 0.25 (in.) (0.098 ± 0.008) (0.126 ± 0.008) (0.252 ± 0.016) (0.197 ± 0.016) (0.250 ± 0.010) (t) Terminal MM 0.50 ± 0.25 0.61 ± 0.36 0.61 ± 0.36 0.64 ± 0.39 0.64 ± 0.39 (in.) (0.020 ± 0.010) (0.024 ± 0.014) (0.024 ± 0.014) (0.025 ± 0.015) (0.025 ± 0.015) WVDC 10 16 25 50 100 16 25 50 100 50 100 50 100 200 50 100 Cap 100 (pF) 120 150 180 220 270 330 390 470 560 680 820 1000 J J J J J 1200 J J J J J 1500 J J J J J 1800 J J J J J 2200 J J J J J 2700 J J J J J 3300 J J J J J 3900 J J J J J 4700 J J J J J 5600 J J J J J 6800 J J J J J 8200 J J J J J Cap. 0.010 J J J J J K K M M X X X M M (µF) 0.012 J J J J J K K M M X X X M M 0.015 J J J J J K K M M X X X M M 0.018 J J J J J K K M M X X X M M 0.022 J J J J J K K M M X X X M M 0.027 J J J J J K K M M X X X M M 0.033 J J J J J K K M M X X X M M 0.039 J J J J J K K M M X X X M M 0.047 J J J J J K K M M X X X M M 0.056 J J J J J K K M M X X X M M 0.068 J J J J J K K M M X X X M M 0.082 J J J J J K K M M X X X M M 0.10 J J J J J K K M M X X X M M 0.12 J J J J M K K M M X X X M M 0.15 J J J J M K K M M X X X M M 0.18 J J J J P K K M M X X X M M 0.22 J J J J P K K M M X X X M M 0.27 J J J J Z K M M M X X M M 0.33 J J J J Z K M M M X X M M 0.47 M M M M Z K P M M X X M M 0.56 M M M Z M Q M M X X M M 0.68 M M P Z M X M Q X X M M 0.82 M M P M X M Q X M M 1.0 N N P X Z M X M Q X M M 1.2 N N M M X M P 1.5 N N MM P 1.8 N P M 2.2 X ZM 3.3 4.7 Q Z 10 Z 22 47 100 WVDC 10 16 25 50 100 16 25 50 100 50 100 50 100 200 50 100 SIZE 1210 1812 1825 2220 2225 Contact Factory for Multiples L W T t Letter A C E G J K M N P Q X Y Z BB CC Max. 0.33 0.56 0.71 0.86 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 3.05 3.175 Thickness (0.013) (0.022) (0.028) (0.034) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) (0.120) (0.125) PAPER EMBOSSED |