データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS4975 データシート(PDF) 26 Page - STMicroelectronics

部品番号 TS4975
部品情報  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 データシート(HTML) 26 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 22Page - STMicroelectronics TS4975 Datasheet HTML 23Page - STMicroelectronics TS4975 Datasheet HTML 24Page - STMicroelectronics TS4975 Datasheet HTML 25Page - STMicroelectronics TS4975 Datasheet HTML 26Page - STMicroelectronics TS4975 Datasheet HTML 27Page - STMicroelectronics TS4975 Datasheet HTML 28Page - STMicroelectronics TS4975 Datasheet HTML 29Page - STMicroelectronics TS4975 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Application Information
TS4975
26/33
4.6
Notes on PSRR measurement
What is PSRR?
The PSRR is the Power Supply Rejection Ratio. The PSRR of a device is the ratio between a
power supply disturbance and the result on the output. In other words, the PSRR is the ability of
a device to minimize the impact of power supply disturbance to the output.
How we measure the PSRR?
The PSRR was measured according to the schematic shown in Figure 61.
Figure 61. PSRR measurement schematic
Principles of operation
●
The DC voltage supply (Vcc) is fixed
●
The AC sinusoidal ripple voltage (Vripple) is fixed
●
No bypasss capacitor Cs is used
The PSRR value for each frequency is calculated as:
RMS is a rms selective measurement.
PSRR
20Log
RMS
Output
()
RMS
Vripple
()
---------------------------------- dB
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33