データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324APT データシート(PDF) 13 Page - STMicroelectronics

部品番号 LM324APT
部品情報  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324APT データシート(HTML) 13 Page - STMicroelectronics

Back Button LM324APT Datasheet HTML 8Page - STMicroelectronics LM324APT Datasheet HTML 9Page - STMicroelectronics LM324APT Datasheet HTML 10Page - STMicroelectronics LM324APT Datasheet HTML 11Page - STMicroelectronics LM324APT Datasheet HTML 12Page - STMicroelectronics LM324APT Datasheet HTML 13Page - STMicroelectronics LM324APT Datasheet HTML 14Page - STMicroelectronics LM324APT Datasheet HTML 15Page - STMicroelectronics LM324APT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package Mechanical Data
LM224A-LM324A
13/16
6
Package Mechanical Data
6.1 DIP14 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 MECHANICAL DATA
P001A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16