| データシートサーチシステム |
|
STM32WB55XX データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55XX データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 165 page ![]() Functional overview STM32WB55xx 40/165 DS11929 Rev 3 Figure 7. Clock tree 3.11 General-purpose inputs/outputs (GPIOs) Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog alternate functions. Fast I/O toggling can be achieved thanks to their mapping on the AHB2 bus. The I/Os alternate function configuration can be locked if needed following a specific sequence in order to avoid spurious writing to the I/Os registers. |