データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STDP9210-BB データシート(PDF) 8 Page - STMicroelectronics

部品番号 STDP9210-BB
部品情報  Athena ??Premium high resolution multimedia monitor controller with 3D video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP9210-BB データシート(HTML) 8 Page - STMicroelectronics

Back Button STDP9210-BB Datasheet HTML 2Page - STMicroelectronics STDP9210-BB Datasheet HTML 3Page - STMicroelectronics STDP9210-BB Datasheet HTML 4Page - STMicroelectronics STDP9210-BB Datasheet HTML 5Page - STMicroelectronics STDP9210-BB Datasheet HTML 6Page - STMicroelectronics STDP9210-BB Datasheet HTML 7Page - STMicroelectronics STDP9210-BB Datasheet HTML 8Page - STMicroelectronics STDP9210-BB Datasheet HTML 9Page - STMicroelectronics STDP9210-BB Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ordering information
STDP9310, STDP9320, STDP9210, STDP7310, STDP7320
8/10
Doc ID 18936 Rev 3
5
Ordering information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 2.
Order codes
Part number
Description
STDP9320-BB
521-ball HSBGA
STDP9310-BB
521-ball LFBGA
STDP9210-BB
521-ball LFBGA
STDP7320-BB
361-ball LFBGA
STDP7310-BB
361-ball LFBGA



Html Pages

1 2 3 4 5 6 7 8 9 10