| データシートサーチシステム |
|
WM8802SCFT データシート(PDF) 54 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802SCFT データシート(HTML) 54 Page - Wolfson Microelectronics plc |
|
54 / 65 page ![]() WM8802 Product Preview w PP Rev 1.1 April 2004 54 READ REGISTER NAME 0XEA 0XEB 0XEC 0XED DO0 RXDET0 GPO0 CS bit 0 Pc bit 0 DO1 RXDET1 GPO1 CS bit 1 Pc bit 1 DO2 RXDET2 GPO2 CS bit 2 Pc bit 2 DO3 RXDET3 GPO3 CS bit 3 Pc bit 3 DO4 RXDET4 FSC0 CS bit 4 Pc bit 4 DO5 RXDET5 FSC1 CS bit 5 Pc bit 5 DO6 RXDET6 FSC2 CS bit 6 Pc bit 6 DO7 RXDET7 FSC3 CS bit 7 Pc bit 7 DO8 OERROR FSDAT0 CS bit 8 Pc bit 8 DO9 OINDET FSDAT1 CS bit 9 Pc bit 9 DO10 OFSCHG FSDAT2 CS bit 10 Pc bit 10 DO11 OCSRNW FSDAT3 CS bit 11 Pc bit 11 DO12 OUNPCM FSDAT4 CS bit 12 Pc bit 12 DO13 OPCRNW FSDAT5 CS bit 13 Pc bit 13 DO14 OSLIPO FSDAT6 CS bit 14 Pc bit 14 DO15 OEMPF FSDAT7 CS bit 15 Pc bit 15 DO16 CSBITI TEST0 CS bit 16 − DO17 IEC1937 TEST1 CS bit 17 − DO18 DTS51 TEST2 CS bit 18 − DO19 DTSES TEST3 CS bit 19 − DO20 F0512 TSET4 CS bit 20 − DO21 F1024 TEST5 CS bit 21 − DO22 F2048 TEST6 CS bit 22 − DO23 F4096 TEST7 CS bit 23 − DO24 − − CS bit 24 − … … … … − − … … … … − DO46 − − CS bit 46 − DO47 − − CS bit 47 − Table 20 Read Register 1 (Input detection, interrupt flag, IEC61937 flag, DTS flag) |