| データシートサーチシステム |
|
WM8802SCFTV データシート(PDF) 57 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802SCFTV データシート(HTML) 57 Page - Wolfson Microelectronics plc |
|
57 / 65 page ![]() Product Preview WM8802 w PP Rev 1.1 April 2004 57 READ REGISTER OUTPUT CONTENTS REGISTER ADDRESS DO23 DO22 DO21 DO20 DO19 DO18 DO17 DO16 CCB address: 0xEA F4096 F2048 F1024 F0512 DTSES DTS51 IEC1937 CSBIT1 CSBIT1 Channel status bit 1 detection 0: PCM 1: Non-PCM IEC1937 IEC61937 burst preamble detection 0: Pa, Pb not detected 1: Pa, Pb detected DTS51 DTS-CD/LD 5.1 channel sync signal detection 0: DTS-CD-LD sync signal not detected 1: DTS-CD-LD sync signal detected DTSES DTS ES-CD/LD 6.1 channel sync signal detection 0: DTS ES-CD/LD sync signal not detected 1: DTS ES-CD/LD sync signal detected F0512 DTS-CD/LD IEC60958 frame interval 0: Sync signal not 512 or 1024 frame interval 1: Sync signal is 512 or 1024 frame interval F1024 DTS-CD/LD IEC60958 frame interval 0: Sync signal not 1024 or 2048 frame interval 1: Sync signal is 1024 or 2048 frame interval F2048 DTS-CD/LD IEC60958 frame interval 0: Sync signal not 2048 or 4096 frame interval 1: Sync signal is 2048 or 4096 frame interval F4096 DTS-CD/LD IEC60958 frame interval 0: Sync signal not 4096 frame interval 1: Sync signal is 4096 frame interval |