データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1005 データシート(PDF) 2 Page - ZF Friedrichshafen AG

部品番号 GS1005
部品情報  Hall Effect gear tooth speed sensor with adjustable anodized aluminum housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZFSWITCHES [ZF Friedrichshafen AG]
ホームページ  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

GS1005 データシート(HTML) 2 Page - ZF Friedrichshafen AG

  GS1005 Datasheet HTML 1Page - ZF Friedrichshafen AG GS1005 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-12-15, Specifications subject to change without notice.
Note: An external pull-up resistor is required, the value of which is dependent on the supply voltage. The resistor should be
connected between the output and Vcc. Refer to the wiring diagram for lead colors or pin numbering as applicable.
Recommended External Pull-Up Resistor
Volts DC
5
9
12
15
24
Ohms
1k
1.8k
2.4k
3k
3k
Open Collector Sinking Block Diagram
Dimensions mm (inches)
GS100701
GS100501
Installation
For best results, we recommend targets made from low carbon cold rolled
steel. Other factors that influence sensor performance include gear tooth
height and width, space between the teeth, shape of the teeth and thickness
of the target.
As a general guideline, consider a target with minimum
parameters as shown below. Note that smaller dimensions may work, but
testing for the application is required.
Tooth Height
Tooth Width
Distance between
Teeth
Target Thickness
5.0 mm (.200")
2.5 mm (.100")
10 mm (.400")
6.35 mm (.250")
GS100502



Html Pages

1 2