| データシートサーチシステム |
|
GPTCLS01 データシート(PDF) 2 Page - ZF Friedrichshafen AG |
|
|
|||||||||||||||||||||||||||||
GPTCLS01 データシート(HTML) 2 Page - ZF Friedrichshafen AG |
|
2 / 4 page ![]() General Purpose Snap Action Switch GP Series Terminal Types Mounting Holes U.S. Version Screw Terminal Solder Terminal Metric Version Dimensions inches(mm) Note: GP Series switches are available with screw or solder terminals and with U.S. or metric holes For solder terminals, replace the “T’ in the third position of the part number with an ‘S’ (e.g. GPSCNA11 was GPTCNA11) Ŧ For metric holes, replace the ‘1’ in the seventh position with a ‘0’ (e.g. GPTCNA01 was GPTCNA11) |