| データシートサーチシステム |
|
KCA2AMA1ABB データシート(PDF) 2 Page - ZF Friedrichshafen AG |
|
|
|||||||||||||||||||||||||||||
KCA2AMA1ABB データシート(HTML) 2 Page - ZF Friedrichshafen AG |
|
2 / 2 page ![]() www.cherryswitches.com Page 2 of 2, Last update 2015-04-08, Specifications subject to change without notice. Electrical Specifications Dielectric Strength 1500 VAC for 1 minute Insulation Resistance 100 MΩ min at 500 VDC Initial Contact Resistance 0.050 Ω max Electrical Ratings Lighting Option EN61058-1 UL1054 VDC 4 N 10 (4) 250 16 A 125 VAC / 10 A 250 VAC 20 A 14 VDC / 10 A 28 VDC E, L 10 (4) 250 16 A 125 VAC / 10 A 250 VAC N/A C N/A N/A 10 A 28 VDC M N/A N/A 20 A 14 VDC Electrical Life at Rated Load VDE UL Minimum Operations 10,000 6,000 4DC ratings not agency approved UL File No: E23301 Material and Environmental Specifications Actuator Polycarbonate Housing Nylon 66 94V-2 Spring Stainless Steel Wire Contacts Silver Alloy Movable Arm Silver-Plated Copper Alloy Terminals Silver-Plated Copper Alloy Rubber Boot Silicone Operating Temperature Range -25 OC to +85 OC (-13 OF to +185 OF) Ingress Protection IP65 Circuitry and Switch Functions Dimensions mm (inches) Recommended Panel Cut-out |