データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP1021 データシート(PDF) 2 Page - ZF Friedrichshafen AG

部品番号 MP1021
部品情報  Digital Hall-effect position sensor in low-profile flange-mount housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZFSWITCHES [ZF Friedrichshafen AG]
ホームページ  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP1021 データシート(HTML) 2 Page - ZF Friedrichshafen AG

  MP1021 Datasheet HTML 1Page - ZF Friedrichshafen AG MP1021 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2016-01-12, Specifications subject to change without notice.
Note: An external pull-up resistor is required, the value of which is dependent on the supply voltage. The resistor should be connected
between the output and Vcc. Refer to the wiring diagram for lead colors or pin numbering as applicable.
Recommended External Pull-Up Resistor
Volts DC
5
9
12
15
24
Ohms
1k
1.8k
2.4k
3k
3k
Open Collector Sinking Block Diagram
Dimensions mm (inches)



Html Pages

1 2