| データシートサーチシステム |
|
STQ3NK50ZR-AP データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STQ3NK50ZR-AP データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 14 page ![]() 3/14 STD3NK50Z - STD3NK50Z-1 - STQ3NK50ZR-AP ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED) Table 7: On/Off Table 8: Dynamic Table 9: Source Drain Diode Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %. 2. Pulse width limited by safe operating area. 3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS. Symbol Parameter Test Conditions Min. Typ. Max. Unit V(BR)DSS Drain-source Breakdown Voltage ID = 1 mA, VGS = 0 500 V IDSS Zero Gate Voltage Drain Current (VGS = 0) VDS = Max Rating VDS = Max Rating, TC = 125 °C 1 50 µA µA IGSS Gate-body Leakage Current (VDS = 0) VGS = ± 20V ±10 µA VGS(th) Gate Threshold Voltage VDS = VGS, ID = 50 µA 3 3.75 4.5 V RDS(on) Static Drain-source On Resistance VGS = 10V, ID = 1.15 A 2.8 3.3 Ω Symbol Parameter Test Conditions Min. Typ. Max. Unit gfs (1) Forward Transconductance VDS = 15 V, ID = 1.15 A 1.5 S Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25V, f = 1 MHz, VGS = 0 280 42 8 pF pF pF Coss eq. (3) Equivalent Output Capacitance VGS = 0V, VDS = 0V to 400 V 27.5 pF td(on) tr td(off) tf Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time VDD = 250 V, ID = 1.15 A RG =4.7Ω VGS = 10 V (see Figure 19) 8 13 24 14 ns ns ns ns Qg Qgs Qgd Total Gate Charge Gate-Source Charge Gate-Drain Charge VDD = 400 V, ID = 2.3 A, VGS = 10V (see Figure 22) 11 2.5 5.6 15 nC nC nC Symbol Parameter Test Conditions Min. Typ. Max. Unit ISD ISDM (2) Source-drain Current Source-drain Current (pulsed) 2.3 9.2 A A VSD (1) Forward On Voltage ISD = 2.3 A, VGS = 0 1.6 V trr Qrr IRRM Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD =2.3 A, di/dt = 100 A/µs VDD = 40V, Tj = 25°C (see Figure 20) 250 745 6 ns µC A trr Qrr IRRM Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD =2.3A, di/dt = 100 A/µs VDD = 40V, Tj = 150°C (see Figure 20) 300 960 6.2 ns µC A |