データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T89C51SND1-ROTIL データシート(PDF) 10 Page - ATMEL Corporation

部品番号 T89C51SND1-ROTIL
部品情報  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL データシート(HTML) 10 Page - ATMEL Corporation

Back Button T89C51SND1-ROTIL Datasheet HTML 6Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 7Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 8Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 9Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 10Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 11Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 12Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 13Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
T8xC51SND1
Rev. D – 15-Nov-01
4.3 Internal Pin Structure
Table 15. Detailed Internal Pin Structure
Notes:
1. For information on resistors value, input/output levels, and drive capability, refer to
the Section “DC Characteristics”, page 34.
2. When the 2-wire controller is enabled, P
1, P2, and P3 transistors are disabled allowing
pseudo open-drain structure.
3. In Port 2, P1 transistor is continuously driven when outputting a high level bit address
(A15:8).
Circuit
1
Type
Pins
Input
TST#
Input/Output
RST
Input/Output
P1
2
P2
3
P3
P4
P53:0
Input/Output
P0
MCMD
MDAT
ISP#
Output
ALE
SCLK
DCLK
DOUT
DSEL
MCLK
Input/Output
D+
D-
VDD
VSS
P
VDD
Watchdog Output
P
3
VSS
N
P
1
VDD
VDD
2 osc
Latch Output
periods
P
2
VDD
VSS
N
P
VDD
VSS
N
P
VDD
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60