| データシートサーチシステム |
|
AMT33 データシート(PDF) 3 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
AMT33 データシート(HTML) 3 Page - CUI INC |
|
3 / 10 page ![]() cui.com date 06/21/2019 │ page 3 of 10 CUI Inc │ SERIES: AMT33 │ DESCRIPTION: MODULAR COMMUTATION ENCODER WAVEFORMS Z A B I P T S S S S Quadrature signals with index showing counter-clockwise rotation Figure 1 Z U V W I P C T S S S S S S Commutation signals with index (The programmable direction setting dictates in which direction of rotation U will lead V, and V will lead W) Figure 2 Parameter Description Expression Units T period 360/M mechanical degrees P pulse width T/2 mechanical degrees I index width 360/(PPR*4) mechanical degrees S U/V/W state width 60 electrical degrees T/6 mechanical degrees C phase spacing 120 electrical degrees T/3 mechanical degrees The following parameters are defined by the resolution and pole count selected for each encoder, where PPR = resolution and M = motor poles. Parameter Description Expression Units Notes PPR resolution Pulses Per Revolution This is the user selected value and the format all resolutions are listed in CPR counts PPR x 4 Counts Per Revolution This is the number of quadrature counts the encoder has T period 360/R mechanical degrees P pulse width T/2 mechanical degrees S A/B state width T/4 mechanical degrees This is the width of a quadrature state I index width T/4 mechanical degrees The width of a once per turn index is the state width for A & B lines The following parameters are defined by the resolution selected for each encoder. The encoders resolution is listed as Pulses Per Revolution (PPR), which is the number of periods (or high pulses) over the encoders revolution. Note: For more information regarding PPR, CPR, or LPR (Lines Per Revolution) view https://www.cui.com/blog/what-is-encoder-ppr-cpr-and-lpr For more information, please visit the product page. |