| データシートサーチシステム |
|
CFA633-RDI-KS データシート(PDF) 30 Page - Crystalfontz America, Inc. |
|
|
|||||||||||||||||||||||||||||
CFA633-RDI-KS データシート(HTML) 30 Page - Crystalfontz America, Inc. |
|
30 / 88 page ![]() Crystalfontz America, Inc. Data Sheet Release Date 2012/02/21 www.crystalfontz.com CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1) February 2012 Page 30 RS-232 CONNECTIONS JP2, JP4, and JP6 are closed by default, selecting the "Default RS-232 Pin Assignments". This connection allows a low- cost ribbon cable (Crystalfontz WR-232-Y08) to connect the CFA633-RDI-KS DB-9 COM port. By opening JP2, JP4 and JP6 and closing JP1, JP3, and JP5 you can select the "Alternate RS-232 Pin Assignments". See Jumper Locations and Functions (All Interfaces) (Pg. 17) for jumper positions. Figure 12. Default and Alternate RS232 Pin Assignments If there is a matching 0.1-inch center, 10-pin RS-232 connector on your system's motherboard, then in most cases a simple straight-through ribbon cable (such as CW Industries’ C3AAG-1018G-ND cable available from Digi-Key) can be used to connect from the CFA633-RDI-KS to the motherboard's header. The pin order of your motherboard's header will determine if the CFA633-RDI-KS’s pin assignments need to be "Default" or "Alternate". 1 RS232 LCD Tx/Host Rx Default RS232 Pin Assignments JP1: open JP2: closed JP3: open JP4: closed JP5: open JP6: closed LCD Rx/Host Tx Ground 1 RS232 LCD Tx/Host Rx LCD Rx/Host Tx Ground Alternate RS232 Pin Assignments JP1: closed JP2: open JP3: closed JP4: open JP5: closed JP6: open |