| データシートサーチシステム |
|
CS61318-IL データシート(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61318-IL データシート(HTML) 4 Page - Cirrus Logic |
|
4 / 28 page ![]() CS61318 4 DS441PP2 1 CHARACTERISTICS AND SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND can withstand a continuous current of 100 mA. RECOMMENDED OPERATING CONDITIONS Notes: 2. TV+ must not exceed RV+ by more than 0.3 V. 3. Power consumption figures assume device is driving line load over operating temperature range. The consumption of both the IC and the load are included. Digital input levels are within 10% of the supply rails and digital outputs are driving a 50 pF capacitive load. 4. Typical consumption corresponds to 50% ones density and medium line length at 5.0 V. 5. Maximum consumption corresponds to 100% ones density and maximum line length at 5.25 V. DIGITAL CHARACTERISTICS (TA = -40 °C to 85°C; TV+, RV+ = 5.0 V ±5%; GND = 0 V) Notes: 6. This specification guarantees TTL compatibility (VOH = 2.4 V @ IOUT = -40 µA). 7. Output drivers are TTL compatible and will drive CMOS logic levels into a CMOS load. Parameter Symbol Min Max Units DC Supply (referenced to RGND=TGND=0 V) RV+ TV+ - - 6.0 (RV+) + 0.3 V V Input Voltage, Any Pin Vin RGND-0.3 (RV+) + 0.3 V Input Current, Any Pin (Note 1) Iin -10 10 mA Ambient Operating Temperature TA -40 85 °C Storage Temperature Tstg -65 150 °C Parameter Symbol Min Typ Max Units DC Supply (Note 2) RV+, TV+ 4.75 5.0 5.25 V Ambient Operating Temperature TA -40 25 85 °C Power Consumption, Long Haul (Notes 3,4,5) PC -390 630 mW Power Consumption, Short Haul (Notes 3,4,5) PC -480 710 mW Parameter Symbol Min Typ Max Units High-Level Input Voltage (Note 6) PINS 1-4, 24-28 VIH 2.0 - - V Low-Level Input Voltage (Note 6) PINS 1-4, 24-28 VIL -- 0.8 V High-Level Output Voltage (Notes 6, 7) IOUT = -40 µA PINS 6-8, 25 VOH 2.4 - - V Low-Level Output Voltage (Notes 6, 7) IOUT = 1.6 mA PINS 6-8, 25 VOL -- 0.4 V Input Leakage Current - - ±10 µA |