| データシートサーチシステム |
|
AS02704MS-N50-LW100-R データシート(PDF) 2 Page - PUI audio inc. |
|
|
|||||||||||||||||||||||||||||
AS02704MS-N50-LW100-R データシート(HTML) 2 Page - PUI audio inc. |
|
2 / 5 page ![]() This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI Audio Inc. is prohibited. ©2019, PUI Audio Inc. PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414 Tel: (937) 415-5901 Fax: (937) 415-5925 Specifications (continued) Buzz, Rattle, etc. Should not be audible with 4Vpk sine wave from 500 Hz to 10 kHz - Polarity When positive voltage is applied to the positive terminal, the diaphragm will move outward - Operating Temperature -20 ~ +60 °C Storage Temperature -25 ~ +60 °C Measurement Method Test Baffle (speaker mounted in circle) |