データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LXT975BHC データシート(PDF) 5 Page - Intel Corporation

部品番号 LXT975BHC
部品情報  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975BHC データシート(HTML) 5 Page - Intel Corporation

  LXT975BHC Datasheet HTML 1Page - Intel Corporation LXT975BHC Datasheet HTML 2Page - Intel Corporation LXT975BHC Datasheet HTML 3Page - Intel Corporation LXT975BHC Datasheet HTML 4Page - Intel Corporation LXT975BHC Datasheet HTML 5Page - Intel Corporation LXT975BHC Datasheet HTML 6Page - Intel Corporation LXT975BHC Datasheet HTML 7Page - Intel Corporation LXT975BHC Datasheet HTML 8Page - Intel Corporation LXT975BHC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Datasheet
5
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Figures
1
LXT974/975 Block Diagram .................................................................................. 9
2
LXT974 Pin Assignments ................................................................................... 10
3
LXT975 Pin Assignments ................................................................................... 12
4
LXT974 Switch Application ................................................................................. 19
5
LXT975 Switch Application ................................................................................. 20
6
MII Data Interface ...............................................................................................22
7
Loopback Paths .................................................................................................. 24
8
Management Interface - Read Frame Structure ................................................. 25
9
Management Interface - Write Frame Structure ................................................. 25
10
MDIO Interrupt Signaling .................................................................................... 25
11
Hardware Interface Mode Selection ................................................................... 28
12
LXT974/975 Auto-Negotiation Operation ........................................................... 30
13
100BASE-TX Data Flow ..................................................................................... 31
14
100BASE-TX Frame Structure ........................................................................... 31
15
LXT974/975 Protocol Sublayers ......................................................................... 33
16
100BASE-TX Reception with No Errors ............................................................. 34
17
100BASE-TX Reception with Invalid Symbol ..................................................... 34
18
100BASE-TX Transmission with No Errors ........................................................ 34
19
100BASE-TX Transmission with Collision .......................................................... 34
20
Typical LXT974 Twisted-Pair Single RJ-45 Modular Application ....................... 44
21
Typical LXT975 Twisted-Pair Stacked RJ-45 Modular Application .................... 45
22
LXT974/975 Power and Ground Connections .................................................... 46
23
Typical Twisted-Pair Interface and Supply Filtering ........................................... 47
24
Typical Fiber Interface ........................................................................................ 48
25
Typical MII Interface ........................................................................................... 49
26
MII - 100BASE-TX Receive Timing .................................................................... 53
27
MII - 100BASE-TX Transmit Timing ................................................................... 54
28
MII - 100BASE-FX Receive Timing .................................................................... 55
29
MII - 100BASE-FX Transmit Timing ................................................................... 56
30
MII - 10BASE-T Receive Timing ........................................................................ 57
31
MII - 10BASE-T Transmit Timing ....................................................................... 58
32
10BASE-T SQE (Heartbeat) Timing ................................................................... 58
33
10BASE-T Jab and Unjab Timing ...................................................................... 59
34
Auto Negotiation and Fast Link Pulse Timing .................................................... 60
35
Fast Link Pulse Timing ....................................................................................... 60
36
MDIO Timing when Sourced by STA ................................................................. 61
37
MDIO Timing When Sourced by PHY ................................................................ 61
38
Power Down Timing ........................................................................................... 62
39
Serial LED Timing .............................................................................................. 62
40
PHY Identifier Bit Mapping ..................................................................................66
41
LXT974/975 Package Specification ................................................................... 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74