| データシートサーチシステム |
|
C10M データシート(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
C10M データシート(HTML) 1 Page - ON Semiconductor |
|
1 / 6 page ![]() © Semiconductor Components Industries, LLC, 2005 August, 2005 − Rev. 8 1 Publication Order Number: C106/D C106 Series Preferred Devices Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors Glassivated PNPN devices designed for high volume consumer applications such as temperature, light, and speed control; process and remote control, and warning systems where reliability of operation is important. Features • Glassivated Surface for Reliability and Uniformity • Power Rated at Economical Prices • Practical Level Triggering and Holding Characteristics • Flat, Rugged, Thermopad Construction for Low Thermal Resistance, High Heat Dissipation and Durability • Sensitive Gate Triggering • Pb−Free Packages are Available* *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. TO−225AA CASE 077 STYLE 2 See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION SCRs 4 A RMS, 200 − 600 Volts http://onsemi.com K G A MARKING DIAGRAM & PIN ASSIGNMENT Y = Year WW = Work Week C106xx = Device Code xx = B, D, D1, M, M1 G = Pb−Free Package YWW C106xxG 1. Cathode 2. Anode 3. Gate |
同様の部品番号 - C10M |
|
同様の説明 - C10M |