| データシートサーチシステム |
|
FC9521 データシート(PDF) 2 Page - First Silicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FC9521 データシート(HTML) 2 Page - First Silicon Co., Ltd |
|
2 / 8 page ![]() 2017. 03. 02 2/8 SEMICONDUCTOR TECHNICAL DATA FC9521 Revision No : 0 Symbol Parameter Ra�ng Unit VIN VIN Input Voltage (VIN to GND) -0.3 to 7 V VOUT VOUT to GND Voltage -0.3 to 7 V VEN EN to GND Voltage -0.3 to 7 V VISET ISET to GND Voltage -0.3 to 7 V TJ Maximum Junc�on Temperature 150 o C TSTG Storage Temperature Range -65 to +150 o C TSDR Maximum Soldering Temperature Range, 10 seconds 260 o C Note 1: Absolute Maximum Ra�ngs are those values beyond which the life of a device may be impaired. Exposure to absolute maximum ra�ng condi�ons for extended periods may affect device reliability. Absolute Maximum Ra�ngs Absolute Maximum Ra�ngs |