データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576 データシート(PDF) 13 Page - ON Semiconductor

部品番号 LM2576
部品情報  EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576 データシート(HTML) 13 Page - ON Semiconductor

Back Button LM2576 Datasheet HTML 9Page - ON Semiconductor LM2576 Datasheet HTML 10Page - ON Semiconductor LM2576 Datasheet HTML 11Page - ON Semiconductor LM2576 Datasheet HTML 12Page - ON Semiconductor LM2576 Datasheet HTML 13Page - ON Semiconductor LM2576 Datasheet HTML 14Page - ON Semiconductor LM2576 Datasheet HTML 15Page - ON Semiconductor LM2576 Datasheet HTML 16Page - ON Semiconductor LM2576 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM2576
http://onsemi.com
13
100
80
90
3.0
2.5
1.5
0.8
0.5
0.4
0.6
1.0
2.0
5.0
60
40
20
15
10
8.0
7.0
6.0
IL, MAXIMUM LOAD CURRENT (A)
IL, MAXIMUM LOAD CURRENT (A)
IL, MAXIMUM LOAD CURRENT (A)
IL, MAXIMUM LOAD CURRENT (A)
Figure 18. LM2576−3.3
IL, MAXIMUM LOAD CURRENT (A)
Figure 19. LM2576−5
L680
Figure 20. LM2576−12
Figure 21. LM2576−15
Figure 22. LM2576−ADJ
LM2576 Series Buck Regulator Design Procedures (continued)
Indicator Value Selection Guide (For Continuous Mode Operation)
60
40
20
15
12
10
9.0
8.0
7.0
60
40
35
25
20
18
30
16
15
14
60
40
30
25
22
20
19
18
17
300
70
60
50
45
40
35
30
25
20
3.0
2.5
1.5
0.8
0.5
0.3
0.3
3.0
0.8
0.6
0.5
0.4
0.3
3.0
2.0
1.5
0.5
0.3
L330
L470
L150
L220
0.4
0.6
1.0
2.0
L100
L68
L47
H470
H1000
H680
H220
H330
H150
L680
L330
L470
L150
L220
L100
L68
L47
1.2
H470
H1000
H680
H220
H330
H150
L680
L330
L470
L150
L220
L100
L68
H1500
1.0
1.5
2.0
2.5
H470
H1000
H680
H220
H330
H150
L680
L330
L150
L220
L100
L68
H1500
3.0
0.8
0.6
0.5
0.4
0.3
1.0
1.5
2.0
2.5
35
L470
H680
H220
H330
H150
L680
L330
L150
L220
L100
L68
H1500
L470
H2000
L47
H470
H1000
150
200
250
0.4
0.6
0.8 1.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26