| データシートサーチシステム |
|
PMM-3738-VM1000-R データシート(PDF) 5 Page - PUI audio inc. |
|
|
|||||||||||||||||||||||||||||
PMM-3738-VM1000-R データシート(HTML) 5 Page - PUI audio inc. |
|
5 / 7 page ![]() This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI Audio Inc. is prohibited. ©2017, PUI Audio Inc. PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414 Tel: (937) 415-5901 Fax: (937) 415-5925 Solder Reflow Profile Handling Instructions The Piezo MEMS microphone is very robust to harsh environments such as dust and moisture. However, to avoid mechanical damage to the microphone, we recommend using appropriate handling procedures when manually handling the parts, or when using pick-and-place equipment. The following guidelines will help to avoid damage: Do not apply a vacuum to the bottom side of the microphone. A vacuum pen may be used with care on the top side only. Do not apply very high air pressure over the sound port hole. Do not insert any large particles or objects in the sound port hole. The microphone is resistant to small particles per IP5X specification. Do not board wash or clean after the reflow process or expose the sound port to harsh chemicals. Do not cover the sound port with tape during the solder reflow process. |