データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LNBEH21 データシート(PDF) 20 Page - STMicroelectronics

部品番号 LNBEH21
部品情報  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21 データシート(HTML) 20 Page - STMicroelectronics

Back Button LNBEH21 Datasheet HTML 14Page - STMicroelectronics LNBEH21 Datasheet HTML 15Page - STMicroelectronics LNBEH21 Datasheet HTML 16Page - STMicroelectronics LNBEH21 Datasheet HTML 17Page - STMicroelectronics LNBEH21 Datasheet HTML 18Page - STMicroelectronics LNBEH21 Datasheet HTML 19Page - STMicroelectronics LNBEH21 Datasheet HTML 20Page - STMicroelectronics LNBEH21 Datasheet HTML 21Page - STMicroelectronics LNBEH21 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LNBEH21
20/22
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
15.1
15.3
0.594
0.602
Bo
16.5
16.7
0.650
0.658
Ko
3.8
4.0
0.149
0.157
Po
3.9
4.1
0.153
0.161
P
23.9
24.1
0.941
0.949
W
23.7
24.3
0.933
0.957
Tape & Reel PowerSO-20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22