データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML7020 データシート(PDF) 7 Page - OKI electronic componets

部品番号 ML7020
部品情報  1200 bps MODEM for Remote Control Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

ML7020 データシート(HTML) 7 Page - OKI electronic componets

Back Button ML7020 Datasheet HTML 3Page - OKI electronic componets ML7020 Datasheet HTML 4Page - OKI electronic componets ML7020 Datasheet HTML 5Page - OKI electronic componets ML7020 Datasheet HTML 6Page - OKI electronic componets ML7020 Datasheet HTML 7Page - OKI electronic componets ML7020 Datasheet HTML 8Page - OKI electronic componets ML7020 Datasheet HTML 9Page - OKI electronic componets ML7020 Datasheet HTML 10Page - OKI electronic componets ML7020 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FEDL7020-02
1Semiconductor
ML7020
7/19
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
V
DD
–0.3 to +7.0
V
Permissible power
dissipation
P
D
to 130
mW
Output short circuit current
I
SHT
Shorted to V
DD or ground.
to 60
mA
Analog input voltage
V
AIN
–0.3 to V
DD + 0.3
V
Digital input voltage
V
DIN
–0.3 to V
DD + 0.3
V
Storage temperature range
T
stg
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(V
DD = 4.5 to 5.5 V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply voltage
V
DD
4.5
5.0
5.5
V
Operating temperature range
Ta
–40
+85
°C
High level input voltage
V
IH
Digital input pins
0.8
× V
DD
—V
DD
V
Low level input voltage
V
IL
Digital input pins
0
0.2
× V
DD
V
Digital input rise time
t
ir
Digital input pins
50
ns
Digital input fall time
t
if
Digital input pins
50
ns
Digital output load
C
DL
Digital output pins
100
pF
Bypass capacitor for SGC
C
SG
Between SGC and GND
1
µF
Bypass capacitor for V
DD
C
VG
Between V
DD and ground
10
µF
Oscillating frequency
3.579545
—MHz
Frequency deviation
25 ±5°C
–100
+100
ppm
Temperature
characteristics
In the temperature range –40 to
+85°C
–50
+50
ppm
Equivalent series
resistor
——
90
Production load
capacitance
——
16
pF
Input clock frequency
deviation
f
CLK
–0.1
+0.1
%
Input clock duty ratio
DUTY
Values when an X1 external clock
is input
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com