データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP83848MPHPREP データシート(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
部品番号 DP83848MPHPREP
部品情報  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP データシート(HTML) 29 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 25Page - Texas Instruments DP83848MPHPREP Datasheet HTML 26Page - Texas Instruments DP83848MPHPREP Datasheet HTML 27Page - Texas Instruments DP83848MPHPREP Datasheet HTML 28Page - Texas Instruments DP83848MPHPREP Datasheet HTML 29Page - Texas Instruments DP83848MPHPREP Datasheet HTML 30Page - Texas Instruments DP83848MPHPREP Datasheet HTML 31Page - Texas Instruments DP83848MPHPREP Datasheet HTML 32Page - Texas Instruments DP83848MPHPREP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
X1
TXD[1:0]
TX_EN
Valid data
PMD output pair
Symbol
T2.26.1
T2.26.4
T2.26.2
T2.26.3
29
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Specifications
Copyright © 2012–2019, Texas Instruments Incorporated
4.7.26 RMII Transmit Timing
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.26.1
X1 clock period
50-MHz reference clock
20
ns
T2.26.2
TXD[1:0], TX_EN, data setup to
X1 rising
3.70
ns
T2.26.3
TXD[1:0], TX_EN, data hold from
X1 rising
1.70
ns
T2.26.4
X1 clock to PMD output pair
latency
From X1 rising edge to first bit of
symbol
17
bits
Figure 4-27. RMII Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98