| データシートサーチシステム |
|
ST7282 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7282 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 23 page ![]() ST7282A5 - ST7282B5 - ROM FROM EPROM Family Issuer Ref. Chrono March 26, 1997 Previous Ref Edition ST7 PG-RO 97115 7282A5B5 Target C Page 21/23 3 TESTING Pin VPP/TEST is used for testing the device. For normal operation pin VPP/TEST has to be con- nected to VSS or has to be left open. An internal pull down resistor of about 100k is integrated to select normal operation mode if pin VPP/TEST is not connected. The testmodes are for SGS THOMSON internal use only! 4 PIN DESCRIPTION 4.1 Connection diagram Figure 10. Connection Diagram ( top view ) for the 80 pin quad flat pack 1 2 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 40 39 38 37 36 35 34 33 32 31 25 26 27 28 29 30 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 80 64 63 62 61 60 59 58 57 56 55 54 53 52 51 41 42 43 44 45 46 47 48 49 50 ST 7282 B5 PB1/AIN PB0/AIN PA7/DOUT/AIN PA6/SDA/AIN PA5/SCL/AIN PA4/AIN PA3/AIN PA2/AIN PA1/CP2/AIN PA0/CP1/AIN RESET VSSA VDDA RDSREF MPX RDSFIL PE5/S22 RDSCOMP/PE4/S21 S20/PE3 S19/PE2 S18/PE1 S17/PE0 VLCD1/5 VLCD2/5 PC6/AIN PC7/AIN STOP/OSCOUT OSCIN S16/PD7 S15/PD6 S14/PD5 S13/PD4 S12/PD3 S11/PD2 S10/PD1 S09/PD0 VPP/TEST S8/PF7 S7/PF6 S6/PF5 S5/PF4 S4/PF3 S3/PF2 S2/PF1 S1/PF0 BP16/S-0/PG7 BP15/S-1/PG6 BP14/S-2/PG5 CONDIAG.DS4 |