| データシートサーチシステム |
|
USBLC6-4SC6 データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
USBLC6-4SC6 データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 10 page ![]() USBLC6-4SC6 7/10 5. APPLICATION EXAMPLES Figure 14: USB2.0 port application diagram using USBLC6-4SC6 Figure 15: T1/E1/Ethernet protection HUB- DOWNSTREAM TRANSCEIVER + 5V RS RS RS RS RPD RPD RPD RPD Protecting Bus Switch DEVICE- UPSTREAM TRANSCEIVER + 3.3V SW1 RPU VBUS D+ D- GND VBUS VBUS VBUS RX LS/FS + RX LS/FS + RX LS/FS + RX LS/FS + RX HS + RX HS + RX HS + RX HS + TX HS + TX HS + TX HS + TX HS + TX LS/FS + TX LS/FS + TX LS/FS + TX LS/FS + RS RS USB connector TX LS/FS - TX LS/FS - TX LS/FS - TX LS/FS - RX LS/FS - RX LS/FS - RX LS/FS - RX LS/FS - RX HS - RX HS - RX HS - RX HS - TX HS - TX HS - TX HS - TX HS - GND GND GND GND SW2 DEVICE- UPSTREAM TRANSCEIVER USBLC6-4SC6 USBLC6-2P6 USBLC6-2SC6 + 3.3V SW1 RPU VBUS D+ D- GND RS RS USB connector SW2 Open Closed then open High Speed HS Open Closed Full Speed FS Closed Open Low Speed LS SW2 SW1 Mode +VCC 100nF DATA TRANSCEIVER SMP75-8 SMP75-8 Tx Rx |