データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

56F802 データシート(PDF) 3 Page - Freescale Semiconductor, Inc

部品番号 56F802
部品情報  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 データシート(HTML) 3 Page - Freescale Semiconductor, Inc

  56F802 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
56F802 Technical Data, Rev. 7
Freescale Semiconductor
3
56F802 Block Diagram
JTAG/
OnCE
Port
Digital Reg
Analog Reg
Low Voltage
Supervisor
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Two 36-bit Accumulators
Address
Generation
Unit
Bit
Manipulation
Unit
16-Bit
56800
Core
PAB
PDB
XDB2
CGDB
XAB1
XAB2
INTERRUPT
CONTROLS
IPBB
CONTROLS
IPBus Bridge
(IPBB)
MODULE CONTROLS
ADDRESS BUS [8:0]
DATA BUS [15:0]
COP RESET
RESET
Applica-
tion-Specific
Memory &
Peripherals
Interrupt
Controller
Program Memory
8188 x 16 Flash
1024 x 16 SRAM
Boot Flash
2048x 16 Flash
Data Memory
2048 x 16 Flash
1024 x 16 SRAM
COP/
Watchdog
SCI0
or
GPIO
Quad Timer D
or GPIO
Quad Timer C
A/D1
A/D2
ADC
2
2
3
2
6
PWM Outputs
PWMA
16
16
VCAPC VDD
VSS*VDDA
VSSA
5
22
3
•
•
•
•
•
•
•
•
VREF
PLL
Relaxation
Oscillator
.
*includes TCS pin which is reserved for factory use and is tied to VSS
Fault A0
• Up to 30 MIPS operation at 60MHz core frequency
• Up to 40 MIPS operation at 80MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• MCU-friendly instruction set supports both DSP and
controller functions: MAC, bit manipulation unit, 14
addressing modes
• Hardware DO and REP loops
• 6-channel PWM Module with fault input
• Two 12-bit ADCs (1 x 2 channel, 1 x 3 channel)
• Serial Communications Interface (SCI)
• Two General Purpose Quad Timers with 2 external
outputs
•8K
× 16-bit words (16KB) Program Flash
•1K
× 16-bit words (2KB) Program RAM
•2K
× 16-bit words (4KB) Data Flash
•1K
× 16-bit words (2KB) Data RAM
•2K
× 16-bit words (4KB) Boot Flash
• JTAG/OnCETM port for debugging
• On-chip relaxation oscillator
• 4 shared GPIO
• 32-pin LQFP Package
56F802 General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40