| データシートサーチシステム |
|
WF04U20R0CTLS データシート(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
WF04U20R0CTLS データシート(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION |
|
6 / 11 page ![]() Approval Sheet Page 6 of 11 ASC_WFxxS V01 Aug - 2018 SOLDERING CONDITION The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260 C for 10 seconds. Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other discrete components on the reverse (mixed PCBs). Surface Mount Resistors are tested for solderability at 245 C during 5 seconds within lead-free solder bath. The test condition for no leaching is 260 C for 30 seconds. Typical examples of soldering profile and condition that provide reliable joints without any damage are given in Fig 3. and Table 1. Fig. 3 Infrared soldering profile for Chip Resistors Table 1. Infrared soldering condition for Chip Resistors Temperature Condition Exposure Time Average ramp-up rate (217 C to 260C) Less than 3 C/second Between 150 and 200 C Between 60-120 seconds > 217 C Between 60-150 seconds Peak Temperature 260ºC +0/-5 C Time within 245 C Min. 30 seconds Ramp-down rate (Peak to 217 C) Less than 6 C/second Time from 25 C to Peak No greater than 480 seconds |