| データシートサーチシステム |
|
WW12RR010JTLV データシート(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
WW12RR010JTLV データシート(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION |
|
4 / 9 page ![]() Approval sheet Page 4 of 10 ASC_WW12R_V_AUTO_V01 Sep - 2014 15m 0.22±0.1 0.50±0.25 MARKING WW12R each resistor is marked with a 2-digit code with underline on the protective coating to designate the nominal resistance value. Example: 05 = 0.005 Ω 10 = 0.010 Ω FUNCTIONAL DESCRIPTION Derating curve The power that the resistor can dissipate depends on the operating temperature; see Fig.2 |