データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSD190ME13-D10 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 HSD190ME13-D10
部品情報  Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

HSD190ME13-D10 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HSD190ME13-D10 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 3Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 4Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 5Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 6Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 7Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 8Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 9Page - List of Unclassifed Manufacturers HSD190ME13-D10 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
HannStar Display Corp.
Document Title
HSD190ME13-D
Product Information
Page No.
6 / 27
Document No.
Revision
1.0
The information contained in this document is the exclusive property of HannStar Display Corporation. It shall not
be disclosed, distributed or reproduced in whole or in part without written permission of HannStar Display
Corporation.
(2) 5-500-5Hz sine wave, X,Y,Z each directions, 30 min/cycle.
(3) 11ms, ±X, ±Y, ±Z direction, one time each. For this shock test,
It is necessary to fill the silicon rubber between the shock jig as buffer.
(4) Max wet bulb temp. =39oC
(5) 2 hrs. (10000 feet)
(6) 24hrs. (50000 feet)
2.2 Electrical Absolute Rating:
2.2.1
TFT LCD Module:
Item
Symbol
Min.
Max.
Unit.
Note
Power supply Voltage
VDD
-0.3
5.5
V(DC)
(1)(2)
2.2.2
Back Light Unit:
Item
Symbol
Min.
Max.
Unit
Note
Lamp current
IL
3.0
9.0
mA
(1)(2)(3)
Lamp frequency
fL
40
80
KHz
(1)(2)(3)
Note: (1) Permanent damage may occur to the LCD module if beyond this specification.
Functional operation should be restricted to the conditions described under
Normal Operating Conditions.
(2) To exceed 7.5mA, life time accelerate drop down and if to exceed 9.0 mA has
safety problem. If current lower than 3.5 mA, CCFL would be unstable or
damaged.
(3) Within Ta=25±2°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com