データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BP3122 データシート(PDF) 4 Page - Bright Power Semiconductor Co., Ltd.

部品番号 BP3122
部品情報  High Precision PSR Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BPS [Bright Power Semiconductor Co., Ltd.]
ホームページ  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3122 データシート(HTML) 4 Page - Bright Power Semiconductor Co., Ltd.

  BP3122 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3122 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3122 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3122 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3122 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3122 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3122 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3122 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BP3122
High Precision PSR Constant Current LED Driver
BP3122_EN_DS_Rev.1.3
www.bpsemi.com
4
Bright Power Semiconductor Co. Confidential – Customer Use Only
Electrical Characteristics (Notes 4, 5) (Unless otherwise specified, VCC=14V and TA =25 ℃)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage Section
VCC_Clamp
VCC clamp voltage
1mA
15
17
V
VCC_ON
Turn on threshold voltage
VCC rising
13.8
V
V CC_UVLO
Turn off threshold voltage
VCC falling
9
V
IST
VCC startup current
VCC= VCC_ON - 1V
60
100
uA
IOP
VCC operating current
FOP=70KHz
150
250
uA
Current Sense Section
VCS_TH
Threshold voltage for
peak current limit
485
500
515
mV
TLEB
Leading edge blanking
time for current sense
500
ns
TDELAY
Switch off delay time
200
ns
Switching Frequency
FMIN
Minimum working
frequency
5
kHz
FOVP
LED open circuit
protection switching
frequency
90
kHz
Maximum Duty Cycle
DMAX
Maximum duty cycle
42
%
MOSFET Section
RDS_ON
Static drain-source
on-resistance
VGS=14V/IDS=0.5A
15
Ω
BVDSS
Drain-source breakdown
voltage
VGS=0V/IDS=250uA
650
V
IDSS
Drain-source leakage
current
VGS=0V/VDS=650V
10
uA
Over Temperature Protection
TSD
Thermal shutdown
threshold
150
TSD_HYS
Thermal shutdown
hysteresis
25
Note 4: production testing of the chip is performed at 25°C.
Note 5: the maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed by design, characterization and statistical
analysis



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com