| データシートサーチシステム |
|
CSD1306E データシート(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CSD1306E データシート(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() CSD1306 (SAW) SOT-23 Formed SMD Package CSD1306ERev_3 300103E Tape Specification for SOT-23 Surface Mount Device SOT-23 Formed SMD Package SOT-23 Package Reel Information Reel Specifications for W Packing (13") and 7" ±0.05 ±0.05 ±0.1 ±0.10 ±0.05 ±0.1 ±0.05 1.6 MAX 1.22 2.77 8.0 3.5 4.0 ±0.1 ±0.1 4.0 1.55 2.0 1.75 +0.3 5.75 MAX 3.15 1.0 - 0.1 Direction of Unreeling All dimensions in mm ø329.2±0.5 / 178 ±0.5 14.4 7.9 – 10.9 9.2±0.5 MAX ø100.0±0.5 / 54.5 ±0.5 ø 2.0±0.5 ø20.2 MIN DETAIL X ø13.0 +0.5 –0.2 180 or 330 All dimensions in mm 330 / 180 mm – Antistatic Coated Plastic Reel NOTES: No. of Devices 8mm Tape Size of Reel 330 mm (13") 10,000 Pcs 8mm Tape Size of Reel 180 mm (7") 3,000 Pcs 1. The bandolier of 330 mm reel contains at least 10,000 devices. 2. The bandolier of 180 mm reel contains at least 3,000 devices. 3. No more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. 4. Three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. 5. The carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). In order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. At the end of the bandolier at least 40 empty positions (equivalent to 160 mm) are there. ± 0.02 ± 0.02 1.30 0.60 0.60 7° 0.08 PARTINGLINE RO.08 0.21 6° 7° 5° ±3" ±0.05 2.50 ±4" 0.08 R0.08 ± 0.02 2.50 0.60 1.30 ±0.05 ±0.025 ±0.02 3° 3° 0.60 cL 1 2 3 SOT-23 T&R 3K/reel 10K/reel 136 gm/3K pcs 415 gm/10K pcs 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5" 12 K 51 K 10 K 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5" 192 K 408 K 300 K 12 kgs 28 kgs 16 kgs PACKAGE Net Weight/Qty Details STANDARDPACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail Continental Device India Limited Data Sheet Page 2 of 3 |