| データシートサーチシステム |
|
IDTCSPT857APAI データシート(PDF) 6 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDTCSPT857APAI データシート(HTML) 6 Page - Integrated Device Technology |
|
6 / 12 page ![]() 6 COMMERCIALANDINDUSTRIALTEMPERATURERANGES IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER TIMING REQUIREMENTS Symbol Parameter Min. Max. Unit fCLK OperatingClockFrequency(1,2) 60 200 MHz ApplicationClockFrequency(1,3) 60 200 MHz tDC Input Clock Duty Cycle 40 60 % tL StabilizationTime(4) 100 µs NOTES: 1. The PLL will track a spread spectrum clock input. 2. Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications. 3. Application clock frequency is the range over which timing specifications apply. 4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up. SWITCHINGCHARACTERISTICS CSPT857 CSPT857A Symbol Description Test Conditions Min. Typ.(1) Max. Min. Typ.(1) Max. Unit tPLH(1) LOW to HIGH Level Propagation Delay Time Test mode, CLK to any output 4.5 4.5 ns tPHL(1) HIGH to LOW Level Propagation Delay Time Test mode, CLK to any output 4.5 4.5 ns tJIT(PER) Jitter(period),seefigure6 66MHz – 90 90 – 90 90 ps 100/ 133/ 167/ 200 MHz – 75 75 – 75 75 tJIT(CC) Jitter(cycle-to-cycle),seefigure3 66MHz –180 180 –180 180 ps 100/ 133/ 167/ 200 MHz – 75 75 – 75 75 tJIT(HPER) Half-PeriodJitter,seefigure7 66MHz –160 160 –160 160 ps 100/ 133/ 167/ 200 MHz –100 100 –100 100 tSLR(O) OutputClockSlewRate(Single-Ended) 100/ 133/ 167/ 200 MHz (20% to 80%) 1 2 1 2 V/ns tSLR(I) Input Clock Slew Rate 1 4 1 4 V/ns t(∅) StaticPhaseOffset,seefigure4(2,3) 66/ 100/ 133/ 167/ 200 MHz –100 100 – 50 50 ps tSK(O) Output Skew, see figure 5 75 75 ps tR,tF Output Rise and Fall Times (20% to 80%) Load: 120 Ω / 14pF 650 900 650 900 ps VOX(5) OutputDifferentialVoltage Differentialoutputsareterminated VDDQ/2 VDDQ/2 VDDQ/2 VDDQ/2 V with 120 Ω – 0.2 + 0.2 –0.15 + 0.15 The PLL on the CSPT857 will meet all the above test parameters while supporting SSC synthesizers(4) with the following parameters: SSC ModulationFrequency 30 50 30 50 KHz SSC ClockInputFrequencyDeviation 0 -0.5 0 -0.5 % f3dB PLLLoopBandwidth 5 5 MHz NOTES: 1. Refers to transition of non-inverting output. 2. Static phase offset does not include jitter. 3. t( φ) is measured with input clock slew rate tSLR(I) = 2V/ns and an input differential voltage VID of 1.75V. 4. The SSC requirements meet the Intel PC100 SDRAM Registered DIMM specification. 5. VOX is specified at the SDRAM clock input or test load. |