データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SW31K データシート(PDF) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

部品番号 SW31K
部品情報  Voltage Monitor for 3-Phase Networks Undervoltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZIEHL [ZIEHL industrie-elektronik GmbH + Co KG]
ホームページ  https://www.ziehl.com
Logo ZIEHL - ZIEHL industrie-elektronik GmbH + Co KG

SW31K データシート(HTML) 1 Page - ZIEHL industrie-elektronik GmbH + Co KG

  SW31K Datasheet HTML 1Page - ZIEHL industrie-elektronik GmbH + Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
ZIEHL industrie-elektronik, 74523 Schwäbisch Hall, Germany, +49 791 504-0, info@ziehl.de, www.ziehl.de
Voltage Monitoring Type SW
Voltage Monitor for 3-Phase Networks
Undervoltage
AC 230 V, +10...-15%, < 3 V
upon request
50/60 Hz
1 change-over contact (co)
Type 2 see "general technical information"
see "general technical information"
-20°C...+55°C
app. 10% UNenn
app. 1 s
Design K: 75 x 22 x 115 mm
IP 30 / IP 20
app.135 g
Rated supply voltage Us
other Voltages
Frequency
Relay-Output
Type of Contact
Testing Conditions
Rated ambient Temp. Range
Hysteresis
Switching delay
Dimensions (H x W x D) mm
Protection Housing/Terminals
Weight
Technical Data
Undervoltage monitor for three-
phase networks without N for
monitoring on voltage failure.
The voltage is being measured
between phases and an artificial
neutral point. At symmetrical
decreaseofthevoltagetoapprox.
50% of the nominal value or in
case of failure of a phase the
integrated relay (1 change-over
contact) releases with a delay of
approx.1s. Withenginesrunning-
on on 2 phases, so much back voltage can be produced
that the failure of a phase may be not detected. The
SW31K is available for measuring voltages AC 400 V
andAC 690 V.As supply voltage in the standard version
AC 230 V is needed.
Application:
Monitoring of three-phase networks on loss of a
phase
monitoring of fuses
2015-12-14
SW31K
Part numbers:
S222272
AC 400 V
S222271
AC 690 V
Special Versions upon request
Unterspannungswächter
SW31K
S222272
AC 220-
240 V
50-60 Hz
< 2VA
A2
A1
L2
L1
L3
18
16
15
U ≥1
UM 3 ~ 400 VAC
50%
Made in Germany
2 L1
2 N
AC 230 V
50 Hz
SIGNAL ON
ALARM
T 4 A (gL)
1 L1
1 L3
1 L2
3 AC
400 V


同様の部品番号 - SW31K

メーカー部品番号データシート部品情報
logo
Alpha Wire
SW31 ALPHAWIRE-SW31 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
TT Electronics.
SW3100B TTELEC-SW3100B Datasheet
334Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 50WATT
27/09/2023
SW3101F-C2 TTELEC-SW3101F-C2 Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
22/05/2020
SW3101F-WH TTELEC-SW3101F-WH Datasheet
287Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
SW3102D TTELEC-SW3102D Datasheet
260Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 15VDC 65WATT
01/10/2021
More results

同様の説明 - SW31K

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
2903523 PHOENIX-2903523 Datasheet
138Kb / 6P
Electronic monitoring relay for undervoltage monitoring of direct and alternating voltages in single-phase networks
logo
ZIEHL industrie-elektro...
PSSW1 ZIEHL-PSSW1 Datasheet
259Kb / 1P
Monitor for 3-phase Type PSSW1 Phase asymmetry, Phase sequence, over- and undervoltage
logo
PHOENIX CONTACT
5104778 PHOENIX-5104778 Datasheet
108Kb / 5P
Electronic Reversing-Load Relay for 3-Phase Networks
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
777-P2 LITTELFUSE-777-P2 Datasheet
409Kb / 5P
3-Phase Current & Voltage Monitor
2022 Littelfuse, Inc
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com