| データシートサーチシステム |
|
D10DPFPG データシート(PDF) 13 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
D10DPFPG データシート(HTML) 13 Page - Banner Engineering Corp. |
|
13 / 16 page ![]() Method Action Result Remote Input a. Double-pulse the remote line to toggle between selections. b. Single-pulse the remote line to save selection and advance to "Factory Default." T T T T 3. Return the sensor to the factory default settings, if desired. Method Action Result Push Button a. Click Dynamic (+) to toggle between selections. b. Click Static (-) to save selection and advance to "Display Orientation." Returns to factory default factory settings Factory Default Settings Not Selected: Display shows "Fd n" Factory Default Settings Selected: Display shows "Fd Y" Remote Input a. Double-pulse the remote line to toggle between selections. b. Single-pulse the remote line to save selection and advance to "Display Orientation." T T T T 4. Change the display orientation, if desired. Method Action Result Push Button a. Click Dynamic (+) to toggle between selections. b. Click Static (-) to return to RUN mode. Inverts display to read "upside- down" Normal For example: 1234 Inverted For example: NOTE: Icons do not invert. Remote Input a. Double-pulse the remote line to toggle between selections. b. Single-pulse the remote line to return to RUN mode. T T T T Push Button Lockout • Prevents unwanted adjustments or tampering of the push buttons • Push buttons can be enabled or disabled only from the remote line and only during normal RUN mode Method Action Result Push Button22 Not available with push-button programming. Push buttons Disabled • Display flashes "loc" • Padlock icon appears • Sensor remains in RUN mode Push Buttons Enabled • Display flashes "uloc" • Padlock icon disappears • Sensor remains in RUN mode Remote Input23 From RUN mode, quad-pulse the remote line to toggle between selections. T T T T T T T 22 0.04 seconds ≤ "Click" ≤ 0.8 seconds 23 0.04 seconds ≤ T ≤ 0.8 seconds D10 Expert™– Dual Discrete Outputs P/N 64154 Rev. G www.bannerengineering.com - Tel: +1-763-544-3164 13 |