| データシートサーチシステム |
|
SFECV10M7KA00-R0 データシート(PDF) 52 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SFECV10M7KA00-R0 データシート(HTML) 52 Page - Murata Manufacturing Co., Ltd. |
|
52 / 57 page ![]() Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested to approve our product specification or to transact the approval sheet for product specification, before your ordering. P61E7.pdf 01.10.17 Packaging 51 13 Continued from the preceding page. s Lead Type CERAFILr SF_LA Series (in mm) Lead Length under the Hold Down Tape Length of Cat off Pitch of Components Pitch of Sprocket Hole (1) Length from Hole Center to Lead Length from Hole Center to Component Center Pitch of the Terminal (1) Pitch of the Terminal (2) Slant to the Forward or Backward Slant to the Left or Right Width of Carrier Tape Width of Hold Down Tape Position of Sprocket Hole Gap of Hold Down Tape and Carrier Tape Distance Between the Center of Sprocket Hole and Lead Stpper Diameter of Sprocket Hole Total Tape Thickness Pitch of Sprocket Hole (2) Item Code Dimensions Tolerance Remarks L1 L2 P P0 P1 P2 F F1 ∆h ∆S1 W W0 W1 W2 H0 D0 t P020 3.0 min. 2.0 max. 12.7 12.7 3.85 6.35 5.0 2.5 0 0 18.0 6.0 min. 9.0 0 18.0 ø4.0 0.6 254.0 To distinguish the direction Must not protrude to the carrier tape The pitch of 20 sprocket holes ±0.5 ±0.2 ±0.5 ±0.5 ±0.2 ±1.0 ±1.0 ±0.5 ±0.5 ±0.5 ±0.2 ±0.2 ±1.5 +0.5 –0.2 +0.5 –0 P2 P P1 P0 F F1 F1 D0 t ∆S1 ∆h ∆h Continued on the following page. |