| データシートサーチシステム |
|
STR720RBQ6 データシート(PDF) 203 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR720RBQ6 データシート(HTML) 203 Page - STMicroelectronics |
|
203 / 401 page ![]() STR720 - CONTROLLER AREA NETWORK (CAN) 203/401 18.3 Block Diagram The CAN Peripheral interfaces with the AMBA APB bus. Figure 29 shows the block diagram of the CAN Peripheral. CAN Core CAN Protocol Controller and Rx/Tx Shift Register for serial/parallel conversion of messages. Message RAM Stores Message Objects and Identifier Masks. Registers All registers used to control and to configure the CAN Peripheral. Message Handler State Machine that controls the data transfer between the Rx/Tx Shift Register of the CAN Core and the Message RAM as well as the generation of interrupts as programmed in the Control and Configuration Registers. Module Interface CAN Peripheral interfaces to the AMBA APB 16-bit bus from ARM. Figure 29. Block Diagram of the CAN Peripheral CAN Peripheral CAN CORE REGISTERS MODULE INTERFACE CAN_TX CAN_RX Message RAM 1 |