データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC807U データシート(PDF) 3 Page - First Silicon Co., Ltd

部品番号 BC807U
部品情報  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC807U データシート(HTML) 3 Page - First Silicon Co., Ltd

  BC807U Datasheet HTML 1Page - First Silicon Co., Ltd BC807U Datasheet HTML 2Page - First Silicon Co., Ltd BC807U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2008. 01. 18
3/3
Revision No : 0
BC807U
SC−70 (SOT−323)
A
A2
D
e1
b
e
E
A1
c
L
3
1
2
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
0.05 (0.002)
1.9
0.075
0.65
0.025
0.65
0.025
0.9
0.035
0.7
0.028
mm
inches
SCALE 10:1
XXM
XX
= Specific Device Code
M
= Date Code
= Pb−Free Package
GENERIC
MARKING DIAGRAM
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “ ”,
may or may not be present.
1
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0 80
0.90
1 00
0.032
INCHES
A1
0 00
0.05
0.10
0.000
A2
0.7 REF
b
0 30
0.35
0.40
0.012
c
0.10
0.18
0 25
0.004
D
1 80
2.10
2 20
0.071
E
1.15
1.24
1 35
0.045
e
1 20
1.30
1.40
0.047
0 035
0.040
0 002
0.004
0 014
0.016
0 007
0.010
0 083
0.087
0 049
0.053
0 051
0.055
NOM
MAX
L
2 00
2.10
2.40
0.079
0 083
0.095
HE
e1
0 65 BSC
0.425 REF
0.028 REF
0.026 BSC
0 017 REF



Html Pages

1 2 3