データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC5-M18-RZ3X データシート(PDF) 3 Page - Turck, Inc.

部品番号 BC5-M18-RZ3X
部品情報  Capacitive sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TURCK [Turck, Inc.]
ホームページ  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BC5-M18-RZ3X データシート(HTML) 3 Page - Turck, Inc.

  BC5-M18-RZ3X Datasheet HTML 1Page - Turck, Inc. BC5-M18-RZ3X Datasheet HTML 2Page - Turck, Inc. BC5-M18-RZ3X Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Capacitive sensor
BC5-M18-RZ3X
3 / 3
TURCK Inc. ñ 3000 Campus Drive Minneapolis, MN 55441-2656 ñ Phone: 763-553-7300 ñ Application Support: 1-800-544-7769 ñ Fax 763-553-0708 ñ www.turck.com
Accessories
Type code
Ident-No.
Description
BS-18
69471
Mounting bracket for threaded barrel devices; material: PA66-
GF
BSN 18
69472
Fixing clamp; material: PA66-GF
BST-18B
6947214
Fixing clamp for threaded barrel devices, with dead-stop; ma-
terial: PA6
MAP-M18
6950012
Mounting adapter; material: Polypropylene; sensor replace-
ment with filled container possible (adapter remains in con-
tainer during sensor replacement)



Html Pages

1 2 3