データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMT018DNBFWD-1 データシート(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

部品番号 LMT018DNBFWD-1
部品情報  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
ホームページ  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT018DNBFWD-1 データシート(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT018DNBFWD-1 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT018DNBFWD-1 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TOPWAY
LCD Module User Manual
LMT018DNBFWD-1
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT018DNBFWD-1-Manual-Rev0.1
Page: 7 of 13
Reset Timing
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset LOW pulse width
tRW
1.0
-
-
us
Reset time
TRT
-
-
120
ms
4. Optical Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Note/ Condition
Brightness
Bp
190
-
-
Cd/m
2
Uniformity
△Bp
80%
-
-
-
θ=0
°, Φ=0° (*1,*2)
θ1(Ф=90
°or 270°)
-50〜+40
Deg
Viewing Angle
θ2(Ф=0
° or 180°)
-50〜+50
deg
(*3)
Contrast
Ratio
Cr
-
350
-
-
θ=0
°, Φ=0° (*4)
Response Time
Tr++Tf
-
30
-
Ms
θ=0
°, Φ=0° (*5)
X
0.246
0.296
0.346
Color of CIE
Coordinate
W
Y
0.265
0.315
0.365
θ=0
°, Φ=0° (*1, *6)
NTSC Ratio
S
42%
-
-
-
θ=0
°,Φ=0° (*1, *6)
Note:
*1. Measurement
The data are measured after LEDs are turned on for 5 minutes. LCM
displays full white. The brightness is the average value of 9 measured
spots.
Measurement equipment PR-705 (
Φ8mm)
Measuring condition:
- Measuring surroundings: Dark room.
- Measuring temperature: Ta=25℃.
- Adjust operating voltage to get optimum contrast at the center of the display.
Measured value at the center point of LCD panel after more than 5 minutes while backlight turning on.
*2. The luminance uniformity
It is calculated by using following formula.
△Bp = Bp (Min.) / Bp (Max.)
×100 (%)
Bp (Max.) = Maximum brightness in 9 measured spots
Bp (Min.) = Minimum brightness in 9 measured spots.
Measurement equipment PR-705 (
Φ8mm)
W
3W
3W
2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com