| データシートサーチシステム |
|
DP83821 データシート(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83821 データシート(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 86 page ![]() 3.0 Functional Description (Continued) 12 www.national.com Figure 3-4 Target Read Operation 3.3.2 Target Write A Target Write operation starts with the system generating FRAMEN, Address, and Command (0011b or 0111b). See Figure 3-5. If the upper 24 bits on the address bus match CFGIOA:IOBASE (for I/O reads) or CFGMA:MEMBASE (for memory reads), the DP83821 will generate DEVSELN 2 clock cycles later. On the 2nd cycle after the assertion of DEVSELN, the device will monitor the IRDYN signal. If IRDYN is asserted at that time, the DP83821 will assert TRDYN. On the next clock the 32-bit double word will be latched in, and TRDYN will be forced HIGH for 1 cycle and then tri-stated. Note: Target write operations must be 32-bits wide. If FRAMEN is asserted beyond the assertion of IRDYN, the DP83821 will still latch the first double word as described above, but will also issue a Disconnect. That is, it will assert the STOPN signal with TRDYN. STOPN will remain asserted until FRAMEN is detected as deasserted. Figure 3-5 Target Write Operation Addr Data CLK FRAMEN AD[31:0] C/BEN[3:0] IRDYN TRDYN DEVSELN PAR PERRN Addr Data CLK FRAMEN AD[31:0] C/BEN[3:0] IRDYN TRDYN DEVSELN PAR PERRN |