| データシートサーチシステム |
|
MBF110PFW1LPES データシート(PDF) 21 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MBF110PFW1LPES データシート(HTML) 21 Page - fujitsu semiconductor |
|
21 / 24 page ![]() Pr eliminar y MBF110 Fujitsu Microelectronics, Inc. 17 Manufacturing Considerations CAUTION: DO NOT USE ANY METAL PICKUP TOOLS WHICH WOULD CONTACT THE SENSOR DEVICE SURFACE WITHOUT PROTECTIVE LID INSTALLED • Surface Mount reflow temperature: Recommended 220 °C Max reflow spike* MaxTemp 240 °C • Avoid any high pressure spray directly to the sensor device surface. • Use standard handling practices for ESD sensitive devices. • Refer to Fujitsu PCB Assembly for Biometric Sensor Guidelines. Array Pixel Specifications: Notes: 1) Failing rows or columns that fall on rows (0-4) or (295-299) or columns (0-4) or (295-299) are allowed to pass for the STD product due to packaging overlap at the edge of the sensor array. Failed rows or columns at the extreme edge of the array do not affect the quality of the acquired fingerprint image. Specification MBF110-LP MBF110-STD Max Failed Pixels 10 300 Max Failed Rows 0 1 (see note 1) Max Failed Columns 0 1 (see note 1) |