| データシートサーチシステム |
|
TMP6131DECT データシート(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP6131DECT データシート(HTML) 10 Page - Texas Instruments |
|
10 / 36 page ![]() 10 TMP61 SBOS921C – DECEMBER 2018 – REVISED SEPTEMBER 2019 www.ti.com Product Folder Links: TMP61 Submit Documentation Feedback Copyright © 2018–2019, Texas Instruments Incorporated (1) Table defined based on 4th order equation: (2) Assuming ideal current source Table 2. TMP61 Transfer Table Using an Ideal IBias of 200 µA [LPG Package] TEMPERATURE (°C) RESISTANCE (Ω)(1) ΔR/ΔT (Ω/°C) TEMPERATURE ERROR(2)(1) (°C) MIN TYP MAX –40 6486 6585 6684 43 2.32 –35 6700 6802 6904 44 2.31 –30 6922 7027 7132 46 2.30 –25 7151 7260 7368 47 2.30 –20 7387 7500 7612 49 2.31 –15 7631 7748 7864 50 2.31 –10 7883 8003 8123 52 2.32 –5 8142 8266 8390 53 2.33 0 8450 8536 8621 55 1.56 5 8725 8813 8902 56 1.57 10 9008 9099 9190 58 1.57 15 9298 9392 9485 59 1.58 20 9595 9692 9789 61 1.59 25 9900 10000 10100 62 1.60 30 10213 10316 10419 64 1.61 35 10533 10639 10746 66 1.62 40 10861 10971 11081 67 1.63 45 11198 11311 11424 69 1.64 50 11542 11659 11775 70 1.66 55 11895 12015 12135 72 1.67 60 12256 12380 12504 74 1.68 65 12626 12754 12881 76 1.69 70 13005 13136 13268 77 1.70 75 13325 13528 13731 79 2.56 80 13721 13929 14138 81 2.57 85 14125 14340 14555 83 2.59 90 14540 14761 14983 85 2.60 95 14964 15192 15420 87 2.61 100 15399 15633 15868 89 2.62 105 15844 16086 16327 92 2.64 110 16301 16549 16797 94 2.65 115 16768 17024 17279 96 2.66 120 17248 17510 17773 99 2.67 125 17739 18009 18279 101 2.68 |