データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA450A データシート(PDF) 64 Page - STMicroelectronics

部品番号 STA450A
部品情報  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A データシート(HTML) 64 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 58Page - STMicroelectronics STA450A Datasheet HTML 59Page - STMicroelectronics STA450A Datasheet HTML 60Page - STMicroelectronics STA450A Datasheet HTML 61Page - STMicroelectronics STA450A Datasheet HTML 62Page - STMicroelectronics STA450A Datasheet HTML 63Page - STMicroelectronics STA450A Datasheet HTML 64Page - STMicroelectronics STA450A Datasheet HTML 65Page - STMicroelectronics STA450A Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
STA450A
64/66
t_dpdata_max = 6.0 + pad_timing(Cload_DP_DATA) - pad_timing(Cload_DP_CLK)
The Tr and Tf depends on the load on the different pads but at a given load, the Tr and Tf timings are identical
for DP_CLK, DP_DATA, DP_EN.
DP_DATA and DP_EN must be sampled on the falling edge of DP_CLK.
Load (pF)
max pad_timing (rise)
max pad_timing (fall)
25
6 ns
10.6 ns
50
10 ns
13 ns
75
12 ns
15.4 ns
100
14 ns
18 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66