データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL70 データシート(PDF) 7 Page - Banner Engineering Corp.

部品番号 TL70
部品情報  TL70 Wireless Communication Segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BANNER [Banner Engineering Corp.]
ホームページ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 データシート(HTML) 7 Page - Banner Engineering Corp.

  TL70_V04 Datasheet HTML 1Page - Banner Engineering Corp. TL70_V04 Datasheet HTML 2Page - Banner Engineering Corp. TL70_V04 Datasheet HTML 3Page - Banner Engineering Corp. TL70_V04 Datasheet HTML 4Page - Banner Engineering Corp. TL70_V04 Datasheet HTML 5Page - Banner Engineering Corp. TL70_V04 Datasheet HTML 6Page - Banner Engineering Corp. TL70_V04 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Dimensions
24.9 mm
[0.98”]
M12 × 1
M30 × 1.5
(mounting nut
included)
Internal threads
1/2-14 NPT
Max Torque: 2.25 Nm
[20 in-lbf]
Model
Height (H)
1 light module
87.6 mm (3.45 in)
1 light module, 1 audible module
144.3 mm (5.68 in)
2 light modules
137.3 mm (5.41 in)
2 light modules, 1 audible
module
194 mm (7.64 in)
3 light modules
187 mm (7.36 in)
3 light modules, 1 audible
module
243.7 mm (9.59 in)
4 light modules
236.7 mm (9.32 in)
4 light modules, 1 audible
module
293.4 mm (11.55 in)
5 light modules
286.4 mm (11.28 in)
5 light modules, 1 audible
module
343.1 mm (13.5 in)
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not
cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO
BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES
RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT,
STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously
manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the
product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will
void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications or update documentation at
any time. Specifications and product information in English supersede that which is provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
TL70 Wireless Communication Segment
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com