| データシートサーチシステム |
|
M28W640FSU-ZAT データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640FSU-ZAT データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 49 page ![]() 11/49 M28W320FSU, M28W640FSU HARDWARE PROTECTION All devices feature hardware protection. Refer to SIGNAL DESCRIPTIONS section for a detailed description of these signals. VPP ≤ VPPLK. The VPP pin protects all the memo- ry blocks from program and erase operations. Re- fer to SIGNAL DESCRIPTIONS section for a detailed description of these signals. SECURITY FEATURES The M28W320FSU and M28W640FSU are equipped with KRYPTO Security features per- forming software protection. They allow any block to be protected from program/erase or read oper- ations: ■ Modify Protection including Volatile Block Lock/Unlock, Non-Volatile Block Modify Protection, Non-Volatile Password Modify Protection and Irreversible Protection. ■ Read Protection. The KRYPTO features (Modify Protection mode, Read Protection mode and Device Authentication mechanism) are not described in this Datasheet. For further details concerning these additional pro- tection modes please contact ST Sales Offices. The devices also feature a 64 bit Unique Device Identifier and a 128 bit user-programmable OTP segment (see Figure 6., Protection Register Mem- ory Map and Protection Register Program Com- mand). |