データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFD3055 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 SFD3055
部品情報  Logic N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SFD3055 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

  SFD3055 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFD3055 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFD3055 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFD3055 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFD3055 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFD3055 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFD3055 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
6.48
6.604
6.73
0.255
0.26
0.265
B
5.0
5.08
5.21
0.197
0.2
0.205
C
7.42
7.8
8.18
0.292
0.307
0.322
D
2.184
2.286
2.388
0.086
0.09
0.094
E
0.762
0.813
0.864
0.03
0.032
0.034
F
1.016
1.067
1.118
0.04
0.042
0.044
G
2.286
0.09
H
2.286
0.09
I
0.534
0.61
0.686
0.021
0.024
0.027
J
1.016
1.067
1.118
0.04
0.042
0.044
K
0.508
0.02
L
0.762
0.03
φ
1.57
0.06
SFD3055L
TO-252(D-PAK) Package Dimension
7/7
1. Gate
2. Drain
3. Source
A
B
C
D
E
G
F
3
2
1
H
I
J
K
L
φ



Html Pages

1 2 3 4 5 6 7