| データシートサーチシステム |
|
ECOS2AA331BA データシート(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS2AA331BA データシート(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 4 page ![]() 17 Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors TS-HA Standard Ratings (continued) Cap. Panasonic Cap. Panasonic (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number 820 20 x 30 1.20 1.38 0.222 0.145 ECOS1KA821AA 560 20 x 30 1.10 1.65 0.296 0.178 ECOS2AA561AA 1000 20 x 35 1.30 1.50 0.182 0.119 ECOS1KA102AA 820 20 x 35 1.40 2.10 0.202 0.121 ECOS2AA821AA 1200 20 x 40 1.50 1.73 0.166 0.116 ECOS1KA122AA 1000 20 x 40 1.70 2.55 0.182 0.109 ECOS2AA102AA 470 22 x 20 0.80 0.92 0.459 0.298 ECOS1KA471BL 330 22 x 20 0.80 1.20 0.653 0.392 ECOS2AA331BL 470 22 x 25 0.80 0.92 0.388 0.272 ECOS1KA471BA 330 22 x 25 0.80 1.20 0.553 0.332 ECOS2AA331BA 680 22 x 25 1.00 1.15 0.268 0.188 ECOS1KA681BA 470 22 x 25 0.92 1.38 0.388 0.233 ECOS2AA471BA 820 22 x 25 1.20 1.38 0.222 0.145 ECOS1KA821BA 560 22 x 25 1.10 1.65 0.296 0.178 ECOS2AA561BA 1000 22 x 30 1.30 1.50 0.182 0.119 ECOS1KA102BA 820 22 x 30 1.40 2.10 0.202 0.121 ECOS2AA821BA 1200 22 x 30 1.50 1.73 0.166 0.116 ECOS1KA122BA 1000 22 x 35 1.70 2.55 0.182 0.109 ECOS2AA102BA 1500 22 x 35 1.70 1.96 0.133 0.093 ECOS1KA152BA 1200 22 x 40 1.80 2.70 0.152 0.091 ECOS2AA122BA 1800 22 x 40 1.80 2.07 0.111 0.077 ECOS1KA182BA 1500 22 x 45 2.10 3.15 0.122 0.073 ECOS2AA152BA 2200 22 x 45 2.10 2.42 0.090 0.063 ECOS1KA222BA 470 25 x 20 1.00 1.50 0.459 0.275 ECOS2AA471CL 680 25 x 20 1.00 1.15 0.317 0.206 ECOS1KA681CL 820 25 x 25 1.40 2.10 0.202 0.121 ECOS2AA821CA 1000 25 x 25 1.30 1.50 0.182 0.119 ECOS1KA102CA 1000 25 x 30 1.70 2.55 0.182 0.109 ECOS2AA102CA 1200 25 x 25 1.50 1.73 0.166 0.116 ECOS1KA122CA 1200 25 x 35 1.80 2.70 0.152 0.091 ECOS2AA122CA 1500 25 x 30 1.70 1.96 0.133 0.093 ECOS1KA152CA 1500 25 x 40 2.10 3.15 0.122 0.079 ECOS2AA152CA 1800 25 x 35 1.80 2.07 0.111 0.077 ECOS1KA182CA 1800 25 x 45 2.30 3.45 0.111 0.072 ECOS2AA182CA 2200 25 x 35 2.10 2.42 0.090 0.063 ECOS1KA222CA 2200 25 x 50 2.60 3.90 0.090 0.059 ECOS2AA222CA 2700 25 x 45 2.40 2.76 0.074 0.055 ECOS1KA272CA 680 30 x 20 1.10 1.65 0.317 0.190 ECOS2AA681DL 3300 25 x 50 2.60 2.99 0.065 0.049 ECOS1KA332CA 1200 30 x 25 1.80 2.70 0.152 0.091 ECOS2AA122DA 1000 30 x 20 1.20 1.38 0.216 0.140 ECOS1KA102DL 1500 30 x 30 2.10 3.15 0.122 0.079 ECOS2AA152DA 1800 30 x 25 1.80 2.07 0.111 0.077 ECOS1KA182DA 1800 30 x 35 2.30 3.45 0.111 0.072 ECOS2AA182DA 2200 30 x 30 2.10 2.42 0.090 0.063 ECOS1KA222DA 2200 30 x 40 2.60 3.90 0.090 0.059 ECOS2AA222DA 2700 30 x 35 2.40 2.76 0.074 0.055 ECOS1KA272DA 2700 30 x 45 2.90 4.35 0.080 0.052 ECOS2AA272DA 3300 30 x 40 2.60 2.99 0.065 0.049 ECOS1KA332DA 3300 30 x 50 3.20 4.80 0.075 0.053 ECOS2AA332DA 3900 30 x 45 3.00 3.45 0.060 0.045 ECOS1KA392DA 1000 35 x 20 1.20 1.80 0.216 0.129 ECOS2AA102EL 4700 30 x 50 3.30 3.80 0.049 0.037 ECOS1KA472DA 1500 35 x 25 2.10 3.15 0.122 0.079 ECOS2AA152EA 1500 35 x 20 1.40 1.61 0.155 0.108 ECOS1KA152EL 1800 35 x 30 2.30 3.45 0.111 0.072 ECOS2AA182EA 2200 35 x 25 2.10 2.42 0.090 0.063 ECOS1KA222EA 2200 35 x 30 2.60 3.90 0.090 0.059 ECOS2AA222EA 2700 35 x 30 2.40 2.76 0.074 0.055 ECOS1KA272EA 2700 35 x 35 2.90 4.35 0.080 0.052 ECOS2AA272EA 3300 35 x 30 2.60 2.99 0.065 0.049 ECOS1KA332EA 3300 35 x 40 3.20 4.80 0.075 0.053 ECOS2AA332EA 3900 35 x 35 3.00 3.45 0.060 0.045 ECOS1KA392EA 3900 35 x 45 3.60 5.40 0.064 0.045 ECOS2AA392EA 4700 35 x 40 3.30 3.80 0.049 0.037 ECOS1KA472EA 4700 35 x 50 3.80 5.70 0.053 0.040 ECOS2AA472EA 5600 35 x 45 3.70 4.26 0.050 0.038 ECOS1KA562EA 4700 40 x 40 3.80 5.70 0.053 0.040 ECOS2AA472FA 6800 35 x 50 3.90 4.49 0.041 0.031 ECOS1KA682EA 6800 40 x 50 4.57 6.86 0.037 0.027 ECOS2AA682FA 6800 40 x 40 3.90 4.49 0.041 0.031 ECOS1KA682FA 8200 40 x 50 4.29 4.93 0.036 0.027 ECOS1KA822FA 220 20 x 25 1.00 1.40 0.829 0.373 ECOS2CA221AA 220 20 x 30 1.00 1.40 0.754 0.339 ECOS2DA221AA 270 20 x 30 1.10 1.54 0.675 0.304 ECOS2CA271AA 270 20 x 35 1.10 1.54 0.614 0.276 ECOS2DA271AA 330 20 x 35 1.20 1.68 0.653 0.294 ECOS2CA331AA 330 20 x 40 1.20 1.68 0.502 0.226 ECOS2DA331AA 390 20 x 40 1.30 1.82 0.468 0.210 ECOS2CA391AA 100 22 x 20 0.50 0.70 1.989 0.895 ECOS2DA101BL 150 22 x 20 0.55 0.77 1.437 0.647 ECOS2CA151BL 100 22 x 25 0.50 0.70 1.658 0.746 ECOS2DA101BA 150 22 x 25 0.61 0.85 1.216 0.547 ECOS2CA151BA 150 22 x 25 0.68 0.95 1.105 0.497 ECOS2DA151BA 220 22 x 25 0.90 1.26 0.829 0.373 ECOS2CA221BA 220 22 x 25 1.00 1.40 0.754 0.339 ECOS2DA221BA 270 22 x 25 1.10 1.54 0.675 0.304 ECOS2CA271BA 270 22 x 30 1.10 1.54 0.614 0.276 ECOS2DA271BA 330 22 x 30 1.20 1.68 0.553 0.249 ECOS2CA331BA 330 22 x 30 1.20 1.68 0.502 0.226 ECOS2DA331BA 390 22 x 30 1.30 1.82 0.553 0.249 ECOS2CA391BA 390 22 x 35 1.30 1.82 0.425 0.191 ECOS2DA391BA 470 22 x 35 1.40 1.96 0.529 0.238 ECOS2CA471BA 470 22 x 40 1.40 1.96 0.353 0.159 ECOS2DA471BA 560 22 x 40 1.50 2.10 0.385 0.173 ECOS2CA561BA 560 22 x 45 1.50 2.10 0.296 0.133 ECOS2DA561BA 680 22 x 45 1.70 2.38 0.317 0.143 ECOS2CA681BA 150 25 x 20 0.65 0.91 1.326 0.597 ECOS2DA151CL 220 25 x 20 0.75 1.05 0.980 0.441 ECOS2CA221CL 270 25 x 25 1.10 1.54 0.614 0.276 ECOS2DA271CA 390 25 x 25 1.30 1.82 0.553 0.249 ECOS2CA391CA 330 25 x 25 1.20 1.68 0.502 0.226 ECOS2DA331CA 470 25 x 30 1.40 1.96 0.459 0.206 ECOS2CA471CA 390 25 x 30 1.30 1.82 0.425 0.191 ECOS2DA391CA 560 25 x 30 1.50 2.10 0.385 0.173 ECOS2CA561CA 470 25 x 35 1.40 1.96 0.353 0.159 ECOS2DA471CA 680 25 x 35 1.70 2.38 0.317 0.143 ECOS2CA681CA 560 25 x 35 1.50 2.10 0.296 0.133 ECOS2DA561CA 820 25 x 40 2.00 2.80 0.263 0.118 ECOS2CA821CA 680 25 x 40 1.70 2.38 0.244 0.110 ECOS2DA681CA 1000 25 x 45 2.20 3.08 0.216 0.108 ECOS2CA102CA 820 25 x 50 2.00 2.80 0.222 0.111 ECOS2DA821CA 1200 25 x 50 2.30 3.22 0.180 0.090 ECOS2CA122CA 220 30 x 20 0.87 1.22 0.904 0.407 ECOS2DA221DL 330 30 x 20 1.00 1.40 0.553 0.249 ECOS2CA331DL 390 30 x 25 1.30 1.82 0.425 0.191 ECOS2DA391DA 560 30 x 25 1.50 2.10 0.385 0.173 ECOS2CA561DA 470 30 x 25 1.40 1.96 0.353 0.159 ECOS2DA471DA 680 30 x 30 1.70 2.38 0.317 0.143 ECOS2CA681DA 560 30 x 30 1.50 2.10 0.296 0.133 ECOS2DA561DA 820 30 x 30 2.00 2.80 0.263 0.118 ECOS2CA821DA 680 30 x 30 1.70 2.38 0.244 0.110 ECOS2DA681DA 1000 30 x 35 2.20 3.08 0.216 0.108 ECOS2CA102DA 820 30 x 35 2.00 2.80 0.222 0.111 ECOS2DA821DA 1200 30 x 40 2.30 3.22 0.180 0.090 ECOS2CA122DA 1000 30 x 45 2.20 3.08 0.199 0.099 ECOS2DA102DA 1500 30 x 45 2.50 3.50 0.166 0.083 ECOS2CA152DA 1200 30 x 50 2.30 3.22 0.166 0.083 ECOS2DA122DA 1800 30 x 50 2.70 3.78 0.138 0.083 ECOS2CA182DA 330 35 x 20 1.10 1.54 0.603 0.271 ECOS2DA331EL 470 35 x 20 1.15 1.61 0.459 0.206 ECOS2CA471EL 820 35 x 30 2.00 2.80 0.222 0.111 ECOS2DA821EA 1500 35 x 35 2.50 3.50 0.166 0.083 ECOS2CA152EA 1000 35 x 35 2.20 3.08 0.199 0.099 ECOS2DA102EA 1800 35 x 40 2.70 3.78 0.138 0.069 ECOS2CA182EA 1200 35 x 40 2.30 3.22 0.166 0.083 ECOS2DA122EA 2200 35 x 50 2.90 4.06 0.113 0.057 ECOS2CA222EA 1500 35 x 50 2.50 3.50 0.144 0.072 ECOS2DA152EA Size (mm) Max 105°C R.C. (Arms) 20°C ESR ( Ω, max.) Size (mm) D x L D x L Max 105°C R.C. (Arms) 80 VDC Working, 100 VDC Surge 100 VDC Working, 125 VDC Surge 160 VDC Working, 200 VDC Surge 200 VDC Working, 250 VDC Surge 20°C ESR ( Ω, max.) |