| データシートサーチシステム |
|
ECOS2AA152DA データシート(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS2AA152DA データシート(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 4 page ![]() 15 Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors 3000 hour* life at 105ºC with high ripple current capability Wide range of case sizes including 20mm, low profile lengths NEW: 40mm diameter sizes through 100WV. Can vent construction Part Number System Series Capacitance Code Top Vinyl Plate Ripple Current Multipliers: Page 7 TS-HA Standard Ratings Cap. Panasonic Cap. Panasonic (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number (µF) 120Hz 10k~100kHz 120Hz 20kHz Part Number 6800 20 x 25 1.30 1.50 0.110 0.093 ECOS1AA682AA 6800 20 x 30 2.20 2.53 0.085 0.068 ECOS1CA682AA 8200 20 x 30 1.60 1.84 0.091 0.077 ECOS1AA822AA 8200 20 x 35 2.40 2.76 0.071 0.057 ECOS1CA822AA 10000 20 x 30 1.80 2.07 0.075 0.063 ECOS1AA103AA 10000 20 x 40 2.60 2.99 0.066 0.053 ECOS1CA103AA 12000 20 x 35 2.20 2.53 0.062 0.053 ECOS1AA123AA 3300 22 x 20 1.30 1.50 0.216 0.173 ECOS1CA332BL 15000 20 x 40 2.30 2.65 0.053 0.045 ECOS1AA153AA 3300 22 x 25 1.30 1.50 0.176 0.141 ECOS1CA332BA 4700 22 x 25 0.85 0.98 0.159 0.135 ECOS1AA472BA 4700 22 x 25 1.52 1.75 0.123 0.099 ECOS1CA472BA 6800 22 x 25 1.30 1.50 0.110 0.093 ECOS1AA682BA 6800 22 x 25 2.20 2.53 0.085 0.068 ECOS1CA682BA 10000 22 x 25 1.80 2.07 0.075 0.063 ECOS1AA103BA 8200 22 x 30 2.40 2.76 0.071 0.057 ECOS1CA822BA 12000 22 x 30 2.20 2.53 0.062 0.053 ECOS1AA123BA 10000 22 x 30 2.60 2.99 0.066 0.053 ECOS1CA103BA 15000 22 x 35 2.30 2.65 0.053 0.045 ECOS1AA153BA 12000 22 x 35 2.90 3.34 0.055 0.044 ECOS1CA123BA 18000 22 x 40 2.40 2.76 0.044 0.038 ECOS1AA183BA 15000 22 x 40 3.20 3.68 0.046 0.037 ECOS1CA153BA 22000 22 x 45 2.60 2.99 0.038 0.032 ECOS1AA223BA 18000 22 x 45 3.50 4.03 0.040 0.034 ECOS1CA183BA 27000 22 x 50 3.10 3.57 0.033 0.028 ECOS1AA273BA 4700 25 x 20 1.60 1.84 0.152 0.121 ECOS1CA472CL 15000 25 x 25 2.30 2.65 0.053 0.045 ECOS1AA153CA 10000 25 x 25 2.60 2.99 0.066 0.053 ECOS1CA103CA 18000 25 x 30 2.40 2.76 0.044 0.038 ECOS1AA183CA 12000 25 x 30 2.90 3.34 0.055 0.044 ECOS1CA123CA 22000 25 x 35 2.60 2.99 0.038 0.032 ECOS1AA223CA 15000 25 x 35 3.20 3.68 0.046 0.037 ECOS1CA153CA 27000 25 x 40 3.10 3.57 0.033 0.028 ECOS1AA273CA 18000 25 x 40 3.50 4.03 0.040 0.034 ECOS1CA183CA 33000 25 x 45 3.40 3.91 0.027 0.023 ECOS1AA333CA 22000 25 x 45 3.80 4.37 0.033 0.028 ECOS1CA223CA 39000 25 x 50 3.70 4.26 0.025 0.021 ECOS1AA393CA 27000 25 x 50 4.20 4.83 0.028 0.025 ECOS1CA273CA 22000 30 x 25 2.60 2.99 0.038 0.032 ECOS1AA223DA 6800 30 x 20 1.80 2.07 0.105 0.084 ECOS1CA682DL 27000 30 x 30 3.10 3.57 0.033 0.028 ECOS1AA273DA 12000 30 x 25 2.90 3.34 0.055 0.044 ECOS1CA123DA 33000 30 x 35 3.40 3.91 0.027 0.023 ECOS1AA333DA 15000 30 x 30 3.20 3.68 0.046 0.037 ECOS1CA153DA 39000 30 x 40 3.70 4.26 0.025 0.021 ECOS1AA393DA 18000 30 x 30 3.50 4.03 0.040 0.034 ECOS1CA183DA 47000 30 x 45 4.20 4.83 0.023 0.020 ECOS1AA473DA 22000 30 x 35 3.80 4.37 0.033 0.028 ECOS1CA223DA 56000 30 x 50 5.00 5.75 0.022 0.019 ECOS1AA563DA 27000 30 x 40 4.20 4.83 0.028 0.025 ECOS1CA273DA 27000 35 x 25 3.10 3.57 0.033 0.028 ECOS1AA273EA 33000 30 x 45 4.70 5.41 0.023 0.020 ECOS1CA333DA 33000 35 x 30 3.40 3.91 0.027 0.023 ECOS1AA333EA 39000 30 x 50 5.10 5.87 0.022 0.020 ECOS1CA393DA 39000 35 x 30 3.70 4.26 0.025 0.021 ECOS1AA393EA 10000 35 x 20 2.40 2.76 0.071 0.057 ECOS1CA103EL 47000 35 x 35 4.20 4.83 0.023 0.020 ECOS1AA473EA 18000 35 x 25 3.50 4.03 0.040 0.034 ECOS1CA183EA 56000 35 x 40 5.00 5.75 0.022 0.021 ECOS1AA563EA 22000 35 x 30 3.80 4.37 0.033 0.028 ECOS1CA223EA 68000 35 x 50 5.50 6.33 0.021 0.020 ECOS1AA683EA 27000 35 x 30 4.20 4.83 0.028 0.025 ECOS1CA273EA 62000 40 x 40 5.42 6.23 0.023 0.022 ECOS1AA623FA 33000 35 x 35 4.70 5.41 0.023 0.020 ECOS1CA333EA 82000 40 x 50 7.36 8.46 0.018 0.017 ECOS1AA823FA 39000 35 x 40 5.10 5.87 0.022 0.020 ECOS1CA393EA 47000 35 x 45 5.50 6.33 0.020 0.018 ECOS1CA473EA 56000 35 x 50 6.00 6.90 0.019 0.017 ECOS1CA563EA 47000 40 x 40 5.50 6.33 0.020 0.018 ECOS1CA473FA 68000 40 x 50 7.29 8.38 0.015 0.014 ECOS1CA683FA 10 VDC Working, 13 VDC Surge D x L 16 VDC Working, 20 VDC Surge D x L Common Code/ Terminal Type Case Diameter ECOS ECEC 6.3mm Length Terminal (Standard) TS-HA Series two terminal snap-in Rated Working Voltage: 10 ~ 250 VDC 385 ~ 450 VDC Operating Temperature: -40 ~ +105ºC -25 ~ +105ºC *2000 hours for 20mm diameter or 20mm length sizes Dissipation Factor: (120 Hz, +20ºC) 20°C ESR ( Ω, max.) Size (mm) Max 105°C R.C. (Arms) 20°C ESR ( Ω, max.) Nominal Capacitance: 68 ~ 68000µF (±20% tolerance) 33 ~ 470µF (±20% tolerance) Voltage Code Endurance: 3000 hours* at +105ºC with maximum specified ripple current (see page 4) 4mm Length "Short" Terminal (See page 7) Size (mm) Max 105°C R.C. (Arms) Working Voltage [V]: Max. D.F. (%): 16 45 25 35 35 30 50 25 63 20 80 17 100 - 450 15 (rated cap. [µF] - 33000) 1000 For capacitance values > 33000µF, add the value of: E C A A B C D E 20mm 22mm 25mm 30mm 35mm B Without plate 25 ~ 50mm lengths A With Plate 20mm length L G With Plate Without plate 10 55 F 40mm |
同様の部品番号 - ECOS2AA152DA |
|
同様の説明 - ECOS2AA152DA |